Part Number Hot Search : 
GBL005 DG509 32R4MW6 AT54S MVL407 TIC216B TLGC191P 2SB1603A
Product Description
Full Text Search
 

To Download S210L-AU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 september 22,2014-rev.00 sk24l-au / S210L-AU features ? plastic package has underwriters laboratory flammability classification 94v-o ? for surface mounted applications in order to optimize board space ? low power loss,high efficiency ? high surge capacity ? iec61000-4-2 esd 15kv air, 8kv contact compliance ? lead free in compliance with eu rohs 2011/65/eu directive ? green molding compound as per iec61249 std. . (halogen free) ? acqire quality system certificate : ts16949 ? aec-q101 qualified mechanical data ? case: jedec do-214aa molded plastic ? terminals: solder plated, solderable per mil-std-750,method 2026 ? polarity: color band denotes cathode end ? standard packaging: 12mm tape (eia-481) ? weight: 0.0032 ounce, 0.092 gram low vf schottky rectifier note: 1. mounted on p.c.b with minimum pad layout. voltage 40 to 100 volt 2 ampere current maximum ratings(t a =25 o c unless otherwise noted) electrical characteristics(t a =25 o c unless otherwise noted) parameter symbol sk24l-au S210L-AU unit maximum repetitive peak reverse voltage v rrm 40 100 v maximum rms voltage v rms 28 70 v maximum dc blocking voltage v dc 40 100 v maximum average forward rectified current i f(av) 2a maximum reverse current i r 250 150 a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load i fsm 50 a typical thermal resistance (note 1) r ja r jl 115 20 o c/w operating junction temperature range t j -55 to + 125 -55 to + 150 o c storage temperature range t stg -55 to + 150 o c parameter symbol test conditions sk24l-au S210L-AU unit typ. max. typ. max. instantaneous forward voltage v f i f =1a i f =2a t a =25 o c 0.37 0.41 - 0.45 0.53 0.66 - 0.72 v i f =1a i f =2a t a =125 o c 0.25 0.30 - - 0.47 0.56 - - v 0.083(2.11) 0.075(1.91) 0.185(4.70) 0.160(4.06) 0.096(2.44) 0.083(2.13) 0.050(1.27) 0.030(0.76) 0.220(5.59) 0.200(5.08) 0.012(0.305) 0.006(0.152) 0.155(3.94) 0.130(3.30)
page . 2 september 22,2014-rev.00 sk24l-au / S210L-AU 1 2 cathode anode fig.1 forward current derating curve fig.2 typical junction capacitance fig.4 typical reverse characteristics fig.3 typical junction capacitance 0 0.5 1 1.5 2 2.5 0 25 50 75 100 125 150 t l , lead temperature ( c) i f , forward current (a) 40v 0 0.5 1 1.5 2 2.5 0 25 50 75 100 125 150 t l , lead temperature ( c) i f , forward current (a) 100v 0 1 10 100 1000 0.1 1 10 100 c j , junction capacitance (pf) v r , reverse bias voltage (v) 40v 100v 0.01 0.1 1 10 100 20 40 60 80 100 i r , reverse current (ma) t j = 25c t j = 75 c t j = 100 c t j = 125 c percent of rated peak reverse voltage (%) 40v
page . 3 september 22,2014-rev.00 sk24l-au / S210L-AU fig.5 typical reverse characteristics 0.0001 0.001 0.01 0.1 1 10 100 20 40 60 80 100 i r , reverse current (ma) t j = 125 c t j = 75 c t j = 25 c t j = 150 c percent of rated peak reverse voltage (%) 100v fig.6 typical forward characteristics 0.1 1 10 0 0.1 0.2 0.3 0.4 0.5 0.6 i f , forward current (a) v f , forward voltage (v) t j = 125 c t j = 100 c t j = 75 c t j = 25 c 40v fig.7 typical forward characteristics 0.1 1 10 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 v f , forward voltage (v) t j = 125 c t j = 25 c t j = 75 c t j = 150 c i f , forward current (a) 100v
page . 4 september 22,2014-rev.00 sk24l-au / S210L-AU mounting pad layout order information ? packing information t/r - 3k per 13" plastic reel t/r - 0.5k per 7" plastic reel
page . 5 september 22,2014-rev.00 sk24l-au / S210L-AU part no_packing code_version sk24l-au_r1_000a1 sk24l-au_r2_000a1 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 6 september 22,2014-rev.00 sk24l-au / S210L-AU disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of S210L-AU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X